Part Number Hot Search : 
GP4063 74LVTH1 D23C1 EL2186CS D2W202 LC7938C 1SV101 05220
Product Description
Full Text Search
 

To Download LLCC20042C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Low Loss CWDM
LLCC Series
Product Description
Oplink's Green Low Loss Coarse Wavelength Division Multiplexer is designed to meet industrial stringent size and loss requirement. Based on Thin-Film-Filter (TFF) and Micro-optics, this low loss CWDM features small form factor, ultra low insertion loss, high channel isolation, and unparallel reliability. The technology is a lead-free packaging platform and no epoxy in the optical path. The Green Low Loss CWDM is Telcordia GR-1221and GR-1209 qualified, and complied with industry green initiatives such as RoHS and WEEE.
Performance Specificationns
LLCC Series Min Typical Max Unit
Features
Center Wavelength C Channel Spacing Channel Passband 1310 Upgrade Passband 4ch CWDM Insertion Loss within Passband 1) 8ch CWDM CWDM Upgrade (4ch CWDM only) 1310 Upgrade Passband Ripple Adjacent Channel Isolation Non-adjacent Channel Isolation 1310 Upgrade Isolation over CWDM Bands CWDM Upgrade Isolation over CWDM Bands (4ch CWDM only) Return Loss Directivity Polarization Dependent Loss (PDL) Polarization Mode Dispersion (PMD) Operating Power Operating Temperature Storage Temperature Fiber Type Package Dimensions Standard (250 or 900m fiber jacket)
3)
Refer to Channel Plan Below 20 13 1260 0.8 1.0 1.0 0.6 0.3 30 45 40 13 45 55 0.20 0.20 300 -5 to +70 -40 to +85 Corning SMF-28 58.0 x 30.0 x9.6 52.0 x 27.5 x 7.6 40 50 45 15 50 15 1360 1.0 1.5 1.3 0.8 0.5
nm nm nm nm
Small Form Factor Environmental Green Plan Compliance Ultra-Low Insertion Loss High Reliability High Channel Isolation Epoxy-Free Optical Path RoHS 6 Compliant
dB
dB dB dB dB dB dB dB dB ps mW C C Applications
WDM System for Metro/Access Market
Compact (250m fiber jacket only)
mm
Notes: [1] The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified. [2] All the parameters are without connectors. [3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified
Channel Plan 1471.0 1491.0 1511.0 1531.0 1551.0 1571.0 1591.0 1611.0
R04.20081119
Green Low Loss CWDM
LLCC Series
Mechanical Drawing / Package Dimensions (dimension in mm)
Standard Package Compact Package
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Note: port assignment will vary due to different configuration, please contact Oplink's sales department for further information.
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
LLCC
2
0
0
Spacing
20 nm = 2
1310 Upg Port
W/O Upg = 0 W/ Upg = 1
CWDM Upg Port
8ch CWDM = 0 4ch W/O Upg = 1 4ch W/ Upg = 2
Fiber Length*
0.5 meter= H 1.0 meter= 1 1.5 meter= 5 2.0 meter= 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Fiber Jacket
250 m bare fiber = 1 900 m loose tube = 2
Package Channel Plan
Standard package = S Compact package = C 8ch CWDM=00 4ch CWDM 1471~1531 = 01 4ch CWDM 1551~1611 = 02 4ch CWDM 1511~1571 = 03 4ch CWDM 1471/14911/1591/1611 = 04
*The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
R04.20081119
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of LLCC20042C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X